Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4020 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4020
Description  RAD-HARD 14 STAGE BINARY COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4020 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4020 Datasheet HTML 1Page - STMicroelectronics M54HC4020 Datasheet HTML 2Page - STMicroelectronics M54HC4020 Datasheet HTML 3Page - STMicroelectronics M54HC4020 Datasheet HTML 4Page - STMicroelectronics M54HC4020 Datasheet HTML 5Page - STMicroelectronics M54HC4020 Datasheet HTML 6Page - STMicroelectronics M54HC4020 Datasheet HTML 7Page - STMicroelectronics M54HC4020 Datasheet HTML 8Page - STMicroelectronics M54HC4020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
HIGH SPEED:
fMAX =70MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4020
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9204-070
DESCRIPTION
The M54HC4020 is an high speed CMOS 14
STAGE
BINARY
COUNTER
fabricated
with
silicon gate C2MOS technology.
A clear input is used to reset the counter to the all
low
level
state.
A
high
level
on
CLEAR
accomplishes the reset function. A negative
transition on the CLOCK input increments the
counter by one.
For M54HC4020 twelve kind of divided output are
provided; 1st and 4th stage to 14th stage.
The maximum division available at last stage is
1/16384 x fIN at clock.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC4020
RAD-HARD 14 STAGE BINARY COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4020D
M54HC4020D1
FPC
M54HC4020K
M54HC4020K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC4020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4020B1R STMICROELECTRONICS-M54HC4020B1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4020C1R STMICROELECTRONICS-M54HC4020C1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4020D STMICROELECTRONICS-M54HC4020D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
14-stage binary counter
January 1995
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
14-stage Binary Counter
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
14 STAGE BINARY COUNTER
Jul-2001
M54HC4040 STMICROELECTRONICS-M54HC4040 Datasheet
240Kb / 11P
RAD-HARD 12 STAGE BINARY COUNTER
10-May-2004
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
14-stage Binary Counter
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
14-stage binary counter
Rev. 8-18 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com