Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4060K1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4060K1
Description  RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4060K1 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4060K1 Datasheet HTML 1Page - STMicroelectronics M54HC4060K1 Datasheet HTML 2Page - STMicroelectronics M54HC4060K1 Datasheet HTML 3Page - STMicroelectronics M54HC4060K1 Datasheet HTML 4Page - STMicroelectronics M54HC4060K1 Datasheet HTML 5Page - STMicroelectronics M54HC4060K1 Datasheet HTML 6Page - STMicroelectronics M54HC4060K1 Datasheet HTML 7Page - STMicroelectronics M54HC4060K1 Datasheet HTML 8Page - STMicroelectronics M54HC4060K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M54HC4060
2/12
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
X : Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3
Q12 to Q14
Counter Outputs
7, 5, 4, 6, 14,
13, 15
Q4 to Q10
Counter Outputs
9ØO
External Capacitor
Connection
10
ØO
External Resistor
Connection
11
ØI
Clock Input / Oscillator
Pin
12
CLEAR
Master Reset
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
ØI
CLEAR
FUNCTION
XH
COUNTER IS RESET TO ZERO STATE
ØO OUTPUT GOES TO HIGH LEVEL
ØO OUTPUT GOES TO LOW LEVEL
L
COUNT UP ONE STEP
L
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com