Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3980 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD3980
Description  Low drop - Low supply voltage Low ESR capacitor compatible
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3980 Datasheet(HTML) 1 Page - STMicroelectronics

  LD3980 Datasheet HTML 1Page - STMicroelectronics LD3980 Datasheet HTML 2Page - STMicroelectronics LD3980 Datasheet HTML 3Page - STMicroelectronics LD3980 Datasheet HTML 4Page - STMicroelectronics LD3980 Datasheet HTML 5Page - STMicroelectronics LD3980 Datasheet HTML 6Page - STMicroelectronics LD3980 Datasheet HTML 7Page - STMicroelectronics LD3980 Datasheet HTML 8Page - STMicroelectronics LD3980 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2006
Rev. 1
1/16
16
LD3980
Low drop - Low supply voltage
Low ESR capacitor compatible
Feature summary
Input voltage from 1.7 to 3.6V
Ultra low dropout voltage (130mV typ. at
300mA load)
Very low quiescent current (110µA typ. at no
load, 130µA max. at 300mA load; max 0.5µA in
OFF MODE)
Output voltage tolerance: +/- 1.0% @ 25°C, +/-
2.0% full temperature range
Guaranteed output current up to 300mA
Wide range of output voltage: 0.8V to 3.0V
Logic-controlled electronic shutdown
Compatible with ceramic capacitor CO = 1µF
Internal current and thermal limit
Temperature range: -40°C to 85°C
Description
The LD3980 provides up to 300mA, from 1.7V to
3.6V input voltage. It can deliver a guaranteed
300mA continuous load current with a low 100mV
dropout. It is stable with ceramic capacitor. The
ultra low drop-voltage, low quiescent current and
low noise makes it suitable for low power
applications and in battery powered systems.
High power supply rejection is maintained down
to low input voltage levels common to battery
operated circuits. Shutdown Logic Control
function is available this means that when the
device is used as local regulator, it is possible to
put a part of the board in standby, decreasing the
total power consumption. The device also
includes a constant current limiting and thermal
overload protection. Typical applications are in
mobile phone, personal digital assistant (PDAs),
cordless phone and similar battery powered
wireless systems, portable information
appliances..
DFN6 (3x3)
www.st.com
Block diagram


Similar Part No. - LD3980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LD3985G122R STMICROELECTRONICS-LD3985G122R Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LD3985G122R STMICROELECTRONICS-LD3985G122R Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
LD3985G125R STMICROELECTRONICS-LD3985G125R Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LD3985G12R STMICROELECTRONICS-LD3985G12R Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
More results

Similar Description - LD3980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2980 STMICROELECTRONICS-LD2980 Datasheet
416Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
Sep-2003
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
LD2980ABXX STMICROELECTRONICS-LD2980ABXX Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
LD2981ABXX STMICROELECTRONICS-LD2981ABXX Datasheet
430Kb / 23P
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
14-Jul-2008
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Aug-2008
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
Low ESR Low Drop Out Voltage Regulators
logo
STMicroelectronics
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Jan-2009
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com