Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7818CV Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7818CV
Description  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7818CV Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7818CV Datasheet HTML 7Page - STMicroelectronics L7818CV Datasheet HTML 8Page - STMicroelectronics L7818CV Datasheet HTML 9Page - STMicroelectronics L7818CV Datasheet HTML 10Page - STMicroelectronics L7818CV Datasheet HTML 11Page - STMicroelectronics L7818CV Datasheet HTML 12Page - STMicroelectronics L7818CV Datasheet HTML 13Page - STMicroelectronics L7818CV Datasheet HTML 14Page - STMicroelectronics L7818CV Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
L78xx - L78xxC
Electrical characteristics
11/56
Table 6.
Electrical characteristics of L7808 (refer to the test circuits, TJ = -55 to 150 °C, VI = 14V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
7.7
8
8.3
V
VO
Output voltage
IO = 5 mA to 1A, PO ≤15 W
VI = 11.5 to 23 V
7.6
8
8.4
V
ΔVO(1)
Line regulation
VI = 10.5 to 25 V, TJ = 25°C
80
mV
VI = 11 to 17 V, TJ = 25°C
40
ΔVO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
100
mV
IO = 250 to 750 mA, TJ = 25°C
40
Id
Quiescent current
TJ = 25°C
6
mA
ΔId
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = 11.5 to 25 V
0.8
ΔVO/ΔT Output voltage drift
IO = 5 mA
1
mV/°C
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25°C
40
µV/VO
SVR
Supply voltage rejection
VI = 11.5 to 21.5 V, f = 120 Hz
62
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
2.5
V
RO
Output resistance
f = 1 kHz
16
m
Ω
Isc
Short circuit current
VI = 35 V, TJ = 25°C
0.75
1.2
A
Iscp
Short circuit peak current
TJ = 25°C
1.3
2.2
3.3
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com