Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7808ABV Datasheet(PDF) 25 Page - STMicroelectronics

Part # L7808ABV
Description  Precision 1 A regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808ABV Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L7808ABV Datasheet HTML 18Page - STMicroelectronics L7808ABV Datasheet HTML 19Page - STMicroelectronics L7808ABV Datasheet HTML 20Page - STMicroelectronics L7808ABV Datasheet HTML 21Page - STMicroelectronics L7808ABV Datasheet HTML 22Page - STMicroelectronics L7808ABV Datasheet HTML 23Page - STMicroelectronics L7808ABV Datasheet HTML 24Page - STMicroelectronics L7808ABV Datasheet HTML 25Page - STMicroelectronics L7808ABV Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
L78xxAB - L78xxAC
Revision history
25/26
9
Revision history
Table 14.
Document revision history
Date
Revision
Changes
21-Jun-2004
9
Document updating.
04-Aug-2006
10
Order codes updated and new template.
19-Jan-2007
11
D2PAK mechanical data has been updated and add footprint data.
07-Mar-2007
12
Update figure D2PAK in cover page.
01-Jun-2007
13
Order codes updated.
25-Jul-2007
14
Add Table 1 in cover page.
11-Dec-2007
15
Modified: Table 13.
20-Feb-2008
16
Modified: Table 13 on page 24.
15-Jul-2008
17
Modified: Table 1 on page 1 and Table 13 on page 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com