Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7809ABV Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7809ABV
Description  Precision 1 A regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809ABV Datasheet(HTML) 1 Page - STMicroelectronics

  L7809ABV Datasheet HTML 1Page - STMicroelectronics L7809ABV Datasheet HTML 2Page - STMicroelectronics L7809ABV Datasheet HTML 3Page - STMicroelectronics L7809ABV Datasheet HTML 4Page - STMicroelectronics L7809ABV Datasheet HTML 5Page - STMicroelectronics L7809ABV Datasheet HTML 6Page - STMicroelectronics L7809ABV Datasheet HTML 7Page - STMicroelectronics L7809ABV Datasheet HTML 8Page - STMicroelectronics L7809ABV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
July 2008
Rev 17
1/26
26
L78xxAB
L78xxAC
Precision 1 A regulators
Features
■ Output current in excess of 1 A
■ Output voltages of 5; 6; 8; 9; 12; 15; 24 V
■ Thermal overload protection
■ Output transition SOA protection
■ 2 % Output voltage tolerance
■ Guaranteed in extended temperature range
Description
The L78xxAB L78xxAC series of three terminal
positive regulators are available in TO-220,
TO-220FP, and D2PAK packages and several
fixed output voltages, making it useful in a wide
range of applications. These regulators can
provide local on-card regulation, eliminating the
distribution problem associated with single point
regulation. Each type employs internal current
limiting, thermal shut-down and safe area
protection, making it essentially indestructible. If
adequate heat sinking is provided, they can
deliver over 1 A output current, although designed
primarily as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable voltage and currents.
TO-220FP
D2PAK
TO-220
Table 1.
Device summary
Order codes
L7805AB
L7809AC
L7805AC
L7812AB
L7806AB
L7812AC
L7806AC
L7815AB
L7808AB
L7815AC
L7808AC
L7824AB
L7809AB
L7824AC
www.st.com


Similar Part No. - L7809ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7809ABV STMICROELECTRONICS-L7809ABV Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7809ABV STMICROELECTRONICS-L7809ABV Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L7809ABV STMICROELECTRONICS-L7809ABV Datasheet
1Mb / 58P
Positive voltage regulator ICs
L7809ABV STMICROELECTRONICS-L7809ABV Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7809ABV STMICROELECTRONICS-L7809ABV Datasheet
1Mb / 58P
Positive voltage regulator ICs
More results

Similar Description - L7809ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L78M00AB STMICROELECTRONICS-L78M00AB Datasheet
203Kb / 17P
PRECISION 500mA REGULATORS
Oct-2003
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
1...6 A Switching Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
Precision Voltage Regulators
L7800AB STMICROELECTRONICS-L7800AB_07 Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L78XXAB STMICROELECTRONICS-L78XXAB Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
logo
Texas Instruments
UA723 TI1-UA723 Datasheet
806Kb / 21P
PRECISION VOLTAGE REGULATORS
logo
STMicroelectronics
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com