Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEXXAB Datasheet(PDF) 37 Page - STMicroelectronics

Part # LEXXAB
Description  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEXXAB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LEXXAB_08 Datasheet HTML 31Page - STMicroelectronics LEXXAB_08 Datasheet HTML 32Page - STMicroelectronics LEXXAB_08 Datasheet HTML 33Page - STMicroelectronics LEXXAB_08 Datasheet HTML 34Page - STMicroelectronics LEXXAB_08 Datasheet HTML 35Page - STMicroelectronics LEXXAB_08 Datasheet HTML 36Page - STMicroelectronics LEXXAB_08 Datasheet HTML 37Page - STMicroelectronics LEXXAB_08 Datasheet HTML 38Page - STMicroelectronics LEXXAB_08 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
LExxAB LExxC
Order codes
37/39
7
Order codes
Table 25.
Order codes
Packages
Output
voltage
SO-8
SO-8 (T&R)
TO-92
TO-92 (T&R)
TO-92 (Ammopak)
LE12ABD-TR(1)
1.
Available on request.
1.25 V
LE25ABD
LE25ABD-TR(1)
LE25ABZ-AP(1)
2.5 V
LE25CD-TR(1)
LE25CZ-TR(1)
LE25CZ-AP(1)
2.5 V
LE27ABD(1)
LE27ABD-TR(1)
2.7 V
LE27CD(1)
2.7 V
LE30ABD-TR(1)
LE30ABZ-TR
3 V
LE30CD-TR
LE30CZ-TR
3 V
LE33ABZ
LE33ABZ-TR(1)
LE33ABZ-AP(1)
3.3 V
LE33CD-TR
LE33CZ
LE33CZ-TR
LE33CZ-AP
3.3 V
LE35ABD-TR(1)
LE35ABZ(1)
LE35ABZ-TR(1)
LE35ABZ-AP(1)
3.5 V
LE35CD(1)
LE35CD-TR(1)
LE35CZ-TR(1)
LE35CZ-AP(1)
3.5 V
LE40ABD-TR(1)
LE40ABZ(1)
LE40ABZ-TR(1)
LE40ABZ-AP(1)
4 V
LE40CD-TR(1)
LE40CZ
LE40CZ-TR(1)
LE40CZ-AP(1)
4 V
LE45ABZ-AP(1)
4.5 V
LE45CD-TR
LE45CZ-AP(1)
4.5 V
LE47ABD(1)
LE47ABD-TR(1)
LE47ABZ-TR(1)
LE47ABZ-AP(1)
4.7 V
LE47CD-TR(1)
LE47CZ(1)
LE47CZ-TR(1)
LE47CZ-AP(1)
4.7 V
LE50ABD-TR
LE50ABZ
LE50ABZ-TR
LE50ABZ-AP
5 V
LE50CD-TR
LE50CZ
LE50CZ-TR
LE50CZ-AP
5 V
LE80ABZ-TR(1)
8 V
LE80CD-TR
LE80CZ-TR(1)
8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com