Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM338 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM338
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM338 Datasheet(HTML) 1 Page - STMicroelectronics

  LM338 Datasheet HTML 1Page - STMicroelectronics LM338 Datasheet HTML 2Page - STMicroelectronics LM338 Datasheet HTML 3Page - STMicroelectronics LM338 Datasheet HTML 4Page - STMicroelectronics LM338 Datasheet HTML 5Page - STMicroelectronics LM338 Datasheet HTML 6Page - STMicroelectronics LM338 Datasheet HTML 7Page - STMicroelectronics LM338 Datasheet HTML 8Page - STMicroelectronics LM338 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
April 2008
Rev 2
1/23
23
LM138 - LM238 - LM338
Three-terminal 5 A adjustable voltage regulators
Features
Guaranteed 7 A peak output current
Guaranteed 5 A output current
Adjustable output down to 1.2 V
Line regulation typically 0.005 %/V
Load regulation typically 0.1 %
Guaranteed thermal regulation
Current limit constant with temperature
Standard 3-lead transistor package
Description
The LM138, LM238, LM338 are adjustable 3-
terminal positive voltage regulators capable of
supplying in excess of 5 A over a 1.2 V to 32 V
output range. They are exceptionally easy to use
and require only 2 resistors to set the output
voltage. Careful circuit design has resulted in
outstanding load and line regulation comparable
to many commercial power supplies. The LM138
family is supplied in a standard 3-lead transistor
package.
A unique feature of the LM138 family is time-de-
pendent current limiting. The current limit circuitry
allows peak currents of up to 12 A to be drawn
from the regulator for short periods of time. This
allows the LM138 to be used with heavy transient
loads and speeds start-up under full-load
conditions. Under sustained loading conditions,
the current limit decreases to a safe value
protecting the regulator. Also included on the chip
are thermal overload protection and safe area
protection for the power transistor. Overload
protection remains functional even if the
adjustment pin is accidentally disconnected.
Normally, no capacitors are needed unless the
device is situated far from the input filter
capacitors in which case an input bypass is
needed. An optional output capacitor can be
added to improve transient response. The
adjustment terminal can be bypassed to
achieve.very high ripple rejection ratios which are
difficult to achieve with standard 3-terminal
regulators.
Besides replacing fixed regulators or discrete
designs, the LM238 is useful in a wide variety of
other applications. Since the regulator is "floating"
and sees only the input-to-output differential
voltage, supplies of several hundred volts can be
regulated as long as the maximum input to input
differential is not exceeded.
The LM138, LM238, LM338 are packaged in
standard steel TO-3 transistor package. The
LM138 is rated for operation from - 55 °C to
150 °C, the LM238 from - 25 °C to 150 °C and the
LM338 from 0 °C to 125 °C.
TO-3
Table 1.
Device summary
Part numbers
Order codes
Temperature range
LM138
LM138K
-55 °C to 150 °C
LM238
LM238K
-25 °C to 150 °C
LM338
LM338K
0 °C to 125 °C
www.st.com


Similar Part No. - LM338

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Seme LAB
LM338 SEME-LAB-LM338 Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM338 LINER-LM338 Datasheet
185Kb / 12P
5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338 Datasheet
148Kb / 12P
5A Positive Adjustable Voltage Regulator
logo
Texas Instruments
LM338 TI1-LM338 Datasheet
883Kb / 20P
5-Amp Adjustable Regulators
More results

Similar Description - LM338

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
LM323 STMICROELECTRONICS-LM323_08 Datasheet
725Kb / 15P
Three-terminal 3 A adjustable voltage regulators
12-Feb-2008
LM350 STMICROELECTRONICS-LM350_08 Datasheet
586Kb / 14P
Three-terminal 3 A adjustable voltage regulators
11-Feb-2008
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com