Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 59 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LRIS2K_08 Datasheet HTML 55Page - STMicroelectronics LRIS2K_08 Datasheet HTML 56Page - STMicroelectronics LRIS2K_08 Datasheet HTML 57Page - STMicroelectronics LRIS2K_08 Datasheet HTML 58Page - STMicroelectronics LRIS2K_08 Datasheet HTML 59Page - STMicroelectronics LRIS2K_08 Datasheet HTML 60Page - STMicroelectronics LRIS2K_08 Datasheet HTML 61Page - STMicroelectronics LRIS2K_08 Datasheet HTML 62Page - STMicroelectronics LRIS2K_08 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
LRIS2K
Write Single Block
59/102
26
Write Single Block
On receiving the Write Single Block command, the LRIS2K writes the data contained in the
request to the requested block and reports whether the write operation was successful in
the request. The Option_flag is supported.
During the write cycle tW, there should be no modulation (neither 100% nor 10%).
Otherwise, the LRIS2K may not program correctly the data into the memory. The tW time is
equal to t1nom + 18 × 302 µs.
Request parameters:
UID (optional)
Block number
Data
Response parameter:
No parameter. The response is send back after the writing cycle.
Response parameter:
Error code as Error_flag is set:
10h: block address not available
12h: block is locked
13h: block not programmed
Table 35.
Write Single Block request format
Request
SOF
Request_
flags
Write
Single
Block
UID
Block
number
Data
CRC16
Request
EOF
8 bits
21h
64 bits
8 bits
32 bits
16 bits
Table 36.
Write Single Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
8 bits
16 bits
Table 37.
Write Single Block response format when Error_flag is set
Response
SOF
Response_
Flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com