Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K-SBN18 Datasheet(PDF) 46 Page - STMicroelectronics

Part # LRIS2K-SBN18
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-SBN18 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LRIS2K-SBN18 Datasheet HTML 42Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 43Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 44Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 45Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 46Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 47Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 48Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 49Page - STMicroelectronics LRIS2K-SBN18 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Response format
LRIS2K
46/102
16.2
Response error code
If the Error_flag is set by the LRIS2K in the request, the Error code field is present and
provides information about the error that occurred.
Error codes not specified in Table 23 are reserved for future use.
Table 23.
Response error code definition
Error code
Meaning
03h
The option is not supported
0Fh
Error with no information given
10h
The specified block is not available
11h
The specified block is already locked and thus cannot be locked again
12h
The specified block is locked and its contents cannot be changed.
13h
The specified block was not successfully programmed
14h
The specified block was not successfully locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com