Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973V3.3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4973V3.3
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973V3.3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4973V3.3 Datasheet HTML 3Page - STMicroelectronics L4973V3.3 Datasheet HTML 4Page - STMicroelectronics L4973V3.3 Datasheet HTML 5Page - STMicroelectronics L4973V3.3 Datasheet HTML 6Page - STMicroelectronics L4973V3.3 Datasheet HTML 7Page - STMicroelectronics L4973V3.3 Datasheet HTML 8Page - STMicroelectronics L4973V3.3 Datasheet HTML 9Page - STMicroelectronics L4973V3.3 Datasheet HTML 10Page - STMicroelectronics L4973V3.3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
L4973
Electrical characteristics
7/27
Soft start
Soft Start Charge
Current
30
45
60
µA
Soft Start Discharge
Current
15
22
30
µA
Inhibit
High Level Voltage
(2)
3.0
V
Low Level Voltage
(2)
0.8
V
Isource High Level
VINH = 3V
(2)
10
16
50
µA
Isource Low Level
VINH = 0.8V
(2)
10
15
50
µA
DC characteristics
Total Operating
Quiescent Current
Duty Cycle = 50%
4
6
mA
Quiescent Current
Duty Cycle = 0
2.7
4
mA
Total stand-by quiescent
current
VCC = 24V; VINH = 5V
100
200
µA
VCC = 55V; VINH = 5V
150
300
µA
Error amplifier
High Level Output
Voltage
11.0
V
Low Level Output
Voltage
0.65
V
Source Bias Current
1
2
3
µA
Source Output Current
200
300
600
µA
Sink Output Current
200
300
µA
Supply Voltage Ripple
Rejection
VCOMP = VFB
CREF = 4.7µF 1-5mA load
current
60
80
dB
DC Open Loop Gain
RL = ∞
50
60
dB
Transconductance
Icomp = -0.1 to 0.1mA;
Vcomp = 6V
2.5
mS
Oscillator section
Ramp valley
0.78
0.85
0.92
V
Table 4. Electrical characteristics (continued)
(Refer to the test circuit,VCC = 24V; TJ = 25°C, COSC = 2.7nF; ROSC = 20KΩ;
unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com