Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5994 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 12Page - STMicroelectronics L5994_02 Datasheet HTML 13Page - STMicroelectronics L5994_02 Datasheet HTML 14Page - STMicroelectronics L5994_02 Datasheet HTML 15Page - STMicroelectronics L5994_02 Datasheet HTML 16Page - STMicroelectronics L5994_02 Datasheet HTML 17Page - STMicroelectronics L5994_02 Datasheet HTML 18Page - STMicroelectronics L5994_02 Datasheet HTML 19Page - STMicroelectronics L5994_02 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
L5994 - L5994A
16/26
Power MOSFET's and Schottky Diodes
Since the gate drivers of the device are powered by a 5V bus , the use of logic-level MOSFET's is highly rec-
ommended, especially for high current applications. Their breakdown voltage V(BR)DSS must be greater than
VINMAX with a certain margin, so the selection will address 20V or 30V devices.
The RDS(ON) can be selected once the allowable power dissipation has been established. By selecting identical
power MOSFET's as the main switch and the synchronous rectifier, the total power they dissipate does not de-
pend on the duty cycle. Thus, if PON is this power loss (few percent of the rated output power), the required
RDS(ON) (@ 25 °C) can be derived from:
where Iout is either ITOT5 or IOUT3, according to the section under consideration, a is the temperature coefficient
of RDS(ON) (typically, a = 5 · 10
-3 °C-1 for these low-voltage classes) and
∆T the admitted temperature rise. It is
worth noticing, however, that generally the lower RDS(ON), the higher is the gate charge Qg, which leads to a
higher gate drive consumption. In fact, each switching cycle, a charge Qg moves from the input source to
ground, resulting in an equivalent drive current:
Ig = Qg · fSW
which affects efficiency at low load currents. Besides, this current is drawn from the PREG5 line whose source
capability, ISRC (25mA min), must not be exceeded, thus a further constraint concernes the MOSFET total gate
charge (@VGS = 5V):
assuming four identical MOSFET's.
The Schottky diode to be placed in parallel to the synchronous rectifier must have a reverse voltage VRRM great-
er than VINMAX. Since it conducts for less than 5% of the switching period, the current rating can be much lower
than Iout. The selection criterion should be:
Vt(Schottky) < Vt(body-diode)@I = ILPK
Sense Resistors
The sense resistor of each section is selected according to their respective maximum output current. The cur-
rent sense comparator limits the inductor peak current and therefore the maximum DC output current is the peak
value less half of the peak-to-peak ripple. The intervention threshold is set at 50mV for both sections, thus the
resistor values should be:
Since the comparator threshold that triggers pulse-skipping mode is 11mV, the output current at which the sys-
tem enters this kind of operation is approximately one fourth of the maximum output current. The sense resistors
values are in the low milliohms thus it is important to take correctly the current sense signals. Make sure that
the Kelvin connections between the current sense pins of the IC and the sense resistor do not carry the output
current.
R
DS ON
()
P
ON
I
OUT
2
1
α
T
∆
⋅
+
()
⋅
-----------------------------------------------
=
Q
g
I
SRC
4f
SW
⋅
-----------------
≤
R
SENSE5
50
I
L5 PK
-------------- m
Ω
[]
R
SENSE 5
50
I
L5 PK
-------------- m
Ω
[]
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com