Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5994 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5994 Datasheet HTML 4Page - STMicroelectronics L5994 Datasheet HTML 5Page - STMicroelectronics L5994 Datasheet HTML 6Page - STMicroelectronics L5994 Datasheet HTML 7Page - STMicroelectronics L5994 Datasheet HTML 8Page - STMicroelectronics L5994 Datasheet HTML 9Page - STMicroelectronics L5994 Datasheet HTML 10Page - STMicroelectronics L5994 Datasheet HTML 11Page - STMicroelectronics L5994 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
L5994 - L5994A
8/26
the oscillator and the internal supply and differ for the pre-set output voltages.
Each converter can be turned on and off independently: RUN1 and RUN2 are control inputs which disable the
relevant section when a low logic level (below 0.8 V) is applied and enable its operation with a high logic level
(above 2.4 V). When both inputs are low the device is in stand-by condition and its current consumption is ex-
tremely reduced (less than 120mA over the entire input voltage range).
The device is able to regulate the desired output voltage in two different ways: classic PWM operation and Pulse
Skip operation (see the relevant sections).
Oscillator
The oscillator, which does not require any external timing component, controls the PWM switching frequency.
This can be either 200 or 300 kHz, depending on the logic state of the control pin OSC, or else can be synchro-
nized by an external oscillator.
If the OSC pin is grounded or connected to pin PREG5 (5V) the oscillator works at 200kHz. By connecting the
OSC pin to a 2.5 V voltage, 300 kHz operation will be selected. Moreover, if pin OSC is fed with an external
signal like the one shown in fig. 2, the oscillator will be synchronized by its falling edges.
Considering the spread of the oscillator, synchronization can be guaranteed for frequencies above 230kHz.
Even though a maximum frequency value is in practice imposed by efficiency considerations it should be noticed
that increasing frequency too much arises problems (noise, subharmonic oscillation, etc.) without significant
benefits in terms of external component size reduction and better dynamic performance.
The oscillator imposes a time interval (300 ns min.), during which the high-side MOSFET is definitely OFF, to
recharge the bootstrap capacitor (see "MOSFET's Drivers" section). This, implies a limit on the maximum duty
cycle (88.5%@fSW=300kHz, 92.6%@fsw=200kHz, worst case) which, in turn, imposes a limit on the minimum
operating input voltage.
Figure 2. Synchronization signal and operation
PWM Operation
The control loop does not employ a traditional error amplifier in favour of an error summing comparator which
sums the reference voltage, the feedback signal, the voltage drop across an external sense resistor and a slope
compensation ramp (to avoid subharmonic oscillation with duty cycles greater than 50%) with the appropriate
signs.
With reference to the schematic of fig. 3, the output latch of both controllers is set by every pulse coming from
t
t
t
5V
OSC
0V
H1GATE
H2GATE
300ns min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com