Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562AN Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6562AN
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AN Datasheet(HTML) 1 Page - STMicroelectronics

  L6562AN Datasheet HTML 1Page - STMicroelectronics L6562AN Datasheet HTML 2Page - STMicroelectronics L6562AN Datasheet HTML 3Page - STMicroelectronics L6562AN Datasheet HTML 4Page - STMicroelectronics L6562AN Datasheet HTML 5Page - STMicroelectronics L6562AN Datasheet HTML 6Page - STMicroelectronics L6562AN Datasheet HTML 7Page - STMicroelectronics L6562AN Datasheet HTML 8Page - STMicroelectronics L6562AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
August 2007
Rev 3
1/26
26
L6562A
Transition-mode PFC controller
Features
■ Proprietary multiplier design for minimum THD
■ Very accurate adjustable output overvoltage
protection
■ Ultra-low (30µA) Start-up current
■ Low (2.5mA) quiescent current
■ Digital leading-edge blanking on current sense
■ Disable function on E/A input
■ 1% (@ TJ = 25 °C) internal reference voltage
■ -600/+800mA totem pole gate driver with active
pull-down during UVLO and voltage clamp
■ DIP-8/SO-8 packages
Applications
PFC pre-regulators for:
■ IEC61000-3-2 compliant SMPS (Flat TV,
monitors, desktop PC, games)
■ HI-END AC-DC adapter/charger up to 400W
■ Electronic ballast
■ Entry level server & web server
SO-8
DIP-8
www.st.com
Figure 1.
Block diagram
Table 1. Device summary
Order codes
Package
Packaging
L6562AN
DIP-8
Tube
L6562AD
SO-8
Tube
L6562ADTR
SO-8
Tape & Reel


Similar Part No. - L6562AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
L6562ATD STMICROELECTRONICS-L6562ATD Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
L6562ATDTR STMICROELECTRONICS-L6562ATDTR Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
L6562ATN STMICROELECTRONICS-L6562ATN Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
More results

Similar Description - L6562AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
Rev 2
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
Advanced transition-mode PFC controller
19-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com