Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C160 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M27C160
Description  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M27C160 Datasheet HTML 14Page - STMicroelectronics M27C160 Datasheet HTML 15Page - STMicroelectronics M27C160 Datasheet HTML 16Page - STMicroelectronics M27C160 Datasheet HTML 17Page - STMicroelectronics M27C160 Datasheet HTML 18Page - STMicroelectronics M27C160 Datasheet HTML 19Page - STMicroelectronics M27C160 Datasheet HTML 20Page - STMicroelectronics M27C160 Datasheet HTML 21Page - STMicroelectronics M27C160 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DC and AC characteristics
M27C160
18/26
TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.5V ± 0.25V
Figure 11.
Programming and Verify Modes AC Waveforms
Table 11.
Programming Mode AC Characteristics(1)
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVEL
tAS
Address Valid to Chip Enable Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVPHAV
tVPS
VPP High to Address Valid
2
µs
tVCHAV
tVCS
VCC High to Address Valid
2
µs
tELEH
tPW
Chip Enable Program Pulse Width
45
55
µs
tEHQX
tDH
Chip Enable High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
120
ns
tGHQZ
(2)
2.
Sampled only, not 100% tested.
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address
Transition
0ns
tAVEL
VALID
AI00744
A0-A19
Q0-Q15
BYTEVPP
VCC
G
DATA IN
DATA OUT
E
tQVEL
tVPHAV
tVCHAV
tEHQX
tELEH
tGLQV
tQXGL
tGHQZ
tGHAX
PROGRAM
VERIFY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com