Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562ADTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6562ADTR
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ADTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6562ADTR Datasheet HTML 4Page - STMicroelectronics L6562ADTR Datasheet HTML 5Page - STMicroelectronics L6562ADTR Datasheet HTML 6Page - STMicroelectronics L6562ADTR Datasheet HTML 7Page - STMicroelectronics L6562ADTR Datasheet HTML 8Page - STMicroelectronics L6562ADTR Datasheet HTML 9Page - STMicroelectronics L6562ADTR Datasheet HTML 10Page - STMicroelectronics L6562ADTR Datasheet HTML 11Page - STMicroelectronics L6562ADTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
L6562A
8/26
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Gate driver
VOL
Output low voltage
Isink = 100mA
0.6
1.2
V
VOH
Output high voltage
Isource = 5mA
9.8
10.3
V
Isrcpk
Peak source current
-0.6
A
Isnkpk
Peak sink current
0.8
A
tf
Voltage fall time
30
70
ns
tr
Voltage rise time
60
110
ns
VOclamp
Output clamp voltage
Isource = 5mA; Vcc = 20 V
10
12
15
V
UVLO saturation
Vcc = 0 to VCCon, Isink = 2 mA
1.1
V
1.
All the parameters are in tracking
2.
The multiplier output is given by:
3.
Parameters guaranteed by design, functionality tested in production.
Table 5. Electrical characteristics (continued)
( -25°C < TJ < +125°C, VCC = 12V, Co = 1nF; unless otherwise specified)
(
)
5
.
2
V
V
K
V
COMP
MULT
cs
−
⋅
= ⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com