Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C801 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M27C801
Description  8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C801 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M27C801 Datasheet HTML 6Page - STMicroelectronics M27C801 Datasheet HTML 7Page - STMicroelectronics M27C801 Datasheet HTML 8Page - STMicroelectronics M27C801 Datasheet HTML 9Page - STMicroelectronics M27C801 Datasheet HTML 10Page - STMicroelectronics M27C801 Datasheet HTML 11Page - STMicroelectronics M27C801 Datasheet HTML 12Page - STMicroelectronics M27C801 Datasheet HTML 13Page - STMicroelectronics M27C801 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Device description
M27C801
10/24
Figure 4.
Programming flowchart
2.7
Program Inhibit
Programming of multiple M27C801s in parallel with different data is also easily
accomplished. Except for E, all like inputs including GVPP of the parallel M27C801 may be
common. A TTL low level pulse applied to a M27C801's E input, with VPP at 12.75V, will
program that M27C801. A high level E input inhibits the other M27C801s from being
programmed.
2.8
Program Verify
A Verify (Read) should be performed on the programmed bits to determine that they were
correctly programmed. The Verify is accomplished with G at VIL. Data should be verified
with tELQV after the falling edge of E.
2.9
Electronic Signature
The Electronic Signature (ES) mode allows the reading out of a binary code from an
EPROM that will identify its manufacturer and type. This mode is intended for use by
programming equipment to automatically match the device to be programmed with its
corresponding programming algorithm. The ES mode is functional in the 25°C ± 5°C
ambient temperature range that is required when programming the M27C801. To activate
AI01271B
n = 0
Last
Addr
VERIFY
E = 50
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO
SET MARGIN MODE
RESET MARGIN MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com