Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6712AQ Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6712AQ
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712AQ Datasheet(HTML) 4 Page - STMicroelectronics

  L6712AQ Datasheet HTML 1Page - STMicroelectronics L6712AQ Datasheet HTML 2Page - STMicroelectronics L6712AQ Datasheet HTML 3Page - STMicroelectronics L6712AQ Datasheet HTML 4Page - STMicroelectronics L6712AQ Datasheet HTML 5Page - STMicroelectronics L6712AQ Datasheet HTML 6Page - STMicroelectronics L6712AQ Datasheet HTML 7Page - STMicroelectronics L6712AQ Datasheet HTML 8Page - STMicroelectronics L6712AQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
L6712A L6712
4/29
REFERENCE AND DAC
VOUT
(1)
Output Voltage Accuracy
VIDx See Table 5, VID
≠ “11x“
-0.9
-
0.9
%
VID = “110“
-1.0
-
1.0
%
REF_IN/OUT
Reference Accuracy
VIDx See Table 5, VID
≠ “111”
VOUT -5
VOUT
VOUT+5
mV
Current Capability
3
mA
Load Regulation
IREF = from 0 to 3mA
5.0
mV
VPROG / REF_IN/
OUT
Accuracy with external
reference
VID=“111”;
REF_IN/OUT = 0.8V to 3.3V
-2.0
2.0
%
REF_IN/OUT
Input impedance
400
k
Ω
IVID
VID pull-up Current
VIDx =SGND
5
µA
VVID
VID pull-up Voltage
VIDx = OPEN
3
V
VIDIL
VID Input Levels
Input Low
0.4
V
VIDIH
Input High
1.0
V
ERROR AMPLIFIER
VOS_EA
Offset
FB = COMP
-5
5
mV
DC Gain
80
dB
SR
Slew-Rate
COMP=10pF
15
V/
µs
IFB_START
Start-up Current
FB=SGND; During Soft Start…
65
µA
DIFFERENTIAL AMPLIFIER (REMOTE BUFFER)
VOS_RA
Offset
VSEN = FBG
-8
8
mV
DC Gain
80
dB
SR
Slew Rate
VSEN = 10pF
15
V/
µs
DIFFERENTIAL CURRENT SENSING
IISEN1, IISEN2
Bias Current
ILOAD = 0
455055
µA
IPGNDSx
Bias Current
45
50
55
µA
IISEN1, IISEN2
Bias Current at
Over Current Threshold
80
85
90
µA
IDROOP
Droop Current
ILOAD ≤ 00
1
µA
ILOAD = 100%
47.5
50
52.5
µA
GATE DRIVERS
tRISE HGATE
High Side
Rise Time
BOOTx-PHASEx=10V;
CHGATEx to PHASEx=3.3nF
15
30
ns
IHGATEx
High Side
Source Current
BOOTx-PHASEx=10V
2
A
RHGATEx
High Side
Sink Resistance
BOOTx-PHASEx=12V;
1.5
2
2.5
Ω
tRISE LGATE
Low Side
Rise Time
VCCDR=10V;
CLGATEx to PGNDx=5.6nF
30
55
ns
ILGATEx
Low Side
Source Current
VCCDR=10V
1.8
A
RLGATEx
Low Side
Sink Resistance
VCCDR=12V
0.7
1.1
1.5
Ω
Table 4. Electrical Characteristcs (continued)
(VCC = 12V±10%, TJ = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com