Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W401 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27W401
Description  4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W401 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27W401 Datasheet HTML 7Page - STMicroelectronics M27W401 Datasheet HTML 8Page - STMicroelectronics M27W401 Datasheet HTML 9Page - STMicroelectronics M27W401 Datasheet HTML 10Page - STMicroelectronics M27W401 Datasheet HTML 11Page - STMicroelectronics M27W401 Datasheet HTML 12Page - STMicroelectronics M27W401 Datasheet HTML 13Page - STMicroelectronics M27W401 Datasheet HTML 14Page - STMicroelectronics M27W401 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M27W401
Device description
11/23
M27W401, these two identifier bytes are given in Table 3 and can be read-out on outputs Q7
to Q0. Note that the M27W401 and M27C4001 have the same identifier bytes.
2.10
Erasure operation (applies to UV EPROM)
The erasure characteristics of the M27W401 are such that erasure begins when the cells
are exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range. Data shows that constant exposure to room level fluorescent lighting could erase a
typical M27W401 in about 3 years, while it would take approximately 1 week to cause
erasure when exposed to direct sunlight. If the M27W401 is to be exposed to these types of
lighting conditions for extended periods of time, it is suggested that opaque labels be put
over the M27W401 window to prevent unintentional erasure. The recommended erasure
procedure for the M27W401 is exposure to short wave ultraviolet light which has wavelength
of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a
minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately 15 to 20
minutes using an ultraviolet lamp with 12000
µW/cm2 power rating. The M27W401 should
be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps have a
filter on their tubes which should be removed before erasure.
Table 3.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
00
10
00
00
20h
Device Code
VIH
01
00
00
01
41h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com