Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W512 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27W512
Description  512 Kbit (64 Kbit x8) low-voltage OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27W512 Datasheet HTML 7Page - STMicroelectronics M27W512 Datasheet HTML 8Page - STMicroelectronics M27W512 Datasheet HTML 9Page - STMicroelectronics M27W512 Datasheet HTML 10Page - STMicroelectronics M27W512 Datasheet HTML 11Page - STMicroelectronics M27W512 Datasheet HTML 12Page - STMicroelectronics M27W512 Datasheet HTML 13Page - STMicroelectronics M27W512 Datasheet HTML 14Page - STMicroelectronics M27W512 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
M27W512
Maximum rating
11/22
3
Maximum rating
Stressing the device outside the ratings listed in Table 4 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Refer also to the STMicroelectronics SURE Program and other relevant
quality documents.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature(1)
1.
Depends on range.
–40 to 125
°C
TBIAS
Temperature under bias
–50 to 125
°C
TSTG
Storage temperature
–65 to 150
°C
VIO
(2)
2.
Minimum DC voltage on input or output is –0.5V with possible undershoot to –2.0V for a period less than
20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less
than 20ns.
Input or output voltage (except A9)
–2 to 7
V
VCC
Supply voltage
–2 to 7
V
VA9
(2)
A9 voltage
–2 to 13.5
V
VPP
Program supply voltage
–2 to 14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com