Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6722TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6722TR
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6722TR Datasheet HTML 22Page - STMicroelectronics L6722TR Datasheet HTML 23Page - STMicroelectronics L6722TR Datasheet HTML 24Page - STMicroelectronics L6722TR Datasheet HTML 25Page - STMicroelectronics L6722TR Datasheet HTML 26Page - STMicroelectronics L6722TR Datasheet HTML 27Page - STMicroelectronics L6722TR Datasheet HTML 28Page - STMicroelectronics L6722TR Datasheet HTML 29Page - STMicroelectronics L6722TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
10 Oscillator
L6722
26/34
10
Oscillator
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 100kHz so that the resulting switching frequency at the load
side results in being tripled (300kHz).
The current delivered to the oscillator is typically 25
µA (corresponding to the free running
frequency FSW=100kHz) and it may be varied using an external resistor (ROSC) connected
between the OSC pin and SGND. Since the OSC pin is fixed at 1.24V, the frequency is varied
proportionally to the current sunk from the pin considering the internal gain of 4KHz/
µA.
In particular connecting ROSC to SGND the frequency is increased according to the following
relationship:
ROSC vs. SGND
Caution:
Maximum programmable switching frequency per phase must be limited to 500kHz to avoid
current reading errors causing, as a consequence, current sharing errors. Anyway, device
power dissipation must be checked prior to design high switching frequency systems.
Figure 15. ROSC vs. Switching frequency
F
SW
100kHz
1.240V
R
OSC kΩ
()
----------------------------
4
kHz
µA
-----------
⋅
+
100kHz
4.96
10
6
⋅
R
OSC kΩ
()
----------------------------
+
==
0
50
100
150
200
250
100
150
200
250
300
350
400
450
500
550
Fsw [kHz] Programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com