Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4995 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 11Page - STMicroelectronics TS4995 Datasheet HTML 12Page - STMicroelectronics TS4995 Datasheet HTML 13Page - STMicroelectronics TS4995 Datasheet HTML 14Page - STMicroelectronics TS4995 Datasheet HTML 15Page - STMicroelectronics TS4995 Datasheet HTML 16Page - STMicroelectronics TS4995 Datasheet HTML 17Page - STMicroelectronics TS4995 Datasheet HTML 18Page - STMicroelectronics TS4995 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TS4995
Electrical characteristics
15/26
Figure 44.
CMRR vs. common mode input
voltage
Figure 45.
CMRR vs. common mode input
voltage
0.00.5
1.0
1.5
2.02.5
3.03.5
4.04.5
5.0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
Vic = 200mVpp
F = 217Hz
Cb = 1
μF
RL
≥ 8Ω
Tamb = 25°C
Vcc=3.3V
Vcc=5V
Common Mode Input Voltage (V)
Vcc=2.6V
0.00.5
1.0
1.5
2.02.5
3.03.5
4.04.5
5.0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
Vic = 200mVpp
F = 217Hz
Cb = 0
RL
≥ 8Ω
Tamb = 25°C
Vcc=3.3V
Vcc=5V
Common Mode Input Voltage (V)
Vcc=2.6V
Figure 46.
Current consumption vs. power
supply voltage
Figure 47.
Differential DC output voltage vs.
common mode input voltage
01
23
45
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
No loads
Tamb = 25
°C
Power Supply Voltage (V)
0
1
2345
1E-5
1E-4
1E-3
0.01
0.1
G = 6dB
Tamb = 25
°C
Vcc=2.6V
Vcc=3.3V
Common Mode Input Voltage (V)
Vcc=5V
Figure 48.
Current consumption vs. standby
voltage
Figure 49.
Current consumption vs. standby
voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Standby mode=5V
Standby Voltage (V)
Vcc = 5V
No load
Tamb = 25
°C
Standby mode=0V
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Standby mode=3.3V
Standby Voltage (V)
Vcc = 3.3V
No load
Tamb = 25
°C
Standby mode=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com