Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4998IQT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4998IQT
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998IQT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4998IQT Datasheet HTML 19Page - STMicroelectronics TS4998IQT Datasheet HTML 20Page - STMicroelectronics TS4998IQT Datasheet HTML 21Page - STMicroelectronics TS4998IQT Datasheet HTML 22Page - STMicroelectronics TS4998IQT Datasheet HTML 23Page - STMicroelectronics TS4998IQT Datasheet HTML 24Page - STMicroelectronics TS4998IQT Datasheet HTML 25Page - STMicroelectronics TS4998IQT Datasheet HTML 26Page - STMicroelectronics TS4998IQT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TS4998
Application information
23/33
4.6
Power dissipation and efficiency
Assumptions:
●
Load voltage and current are sinusoidal (Vout and Iout)
●
Supply voltage is a pure DC source (VCC)
The output voltage is:
and
and
Therefore, the average current delivered by the supply voltage is:
Equation 3
The power delivered by the supply voltage is:
Equation 4
Psupply = VCC IccAVG (W)
Therefore, the power dissipated by each amplifier is:
Pdiss = Psupply - Pout (W)
and the maximum value is obtained when:
and its value is:
Equation 5
Note:
This maximum value is only dependent on the power supply voltage and load values.
V
out = Vpeak sinωt (V)
I
out =
V
out
R
L
------------- (A)
P
out =
V
peak
2
2R
L
--------------------- (W)
I
ccAVG = 2
V
peak
πR
L
----------------- (A)
P
diss
22V
CC
π R
L
---------------------- P
out Pout W
()
–
=
∂Pdiss
∂P
out
--------------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com