Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB200NF03 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STB200NF03
Description  N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF03 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STB200NF03 Datasheet HTML 6Page - STMicroelectronics STB200NF03 Datasheet HTML 7Page - STMicroelectronics STB200NF03 Datasheet HTML 8Page - STMicroelectronics STB200NF03 Datasheet HTML 9Page - STMicroelectronics STB200NF03 Datasheet HTML 10Page - STMicroelectronics STB200NF03 Datasheet HTML 11Page - STMicroelectronics STB200NF03 Datasheet HTML 12Page - STMicroelectronics STB200NF03 Datasheet HTML 13Page - STMicroelectronics STB200NF03 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
STB200NF03/-1 STP200NF03
12/14
DIM.
mm.
inch.
MIN.
TYP.
MAX.
MIN.
TYP.
TYP.
A
4.4
4.6
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.40
0.645
L3
28.90
1.137
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.260
L9
3.50
3.93
0.137
0.154
DIA
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com