Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN16BSP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN16BSP
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN16BSP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN16BSP Datasheet HTML 3Page - STMicroelectronics VN16BSP Datasheet HTML 4Page - STMicroelectronics VN16BSP Datasheet HTML 5Page - STMicroelectronics VN16BSP Datasheet HTML 6Page - STMicroelectronics VN16BSP Datasheet HTML 7Page - STMicroelectronics VN16BSP Datasheet HTML 8Page - STMicroelectronics VN16BSP Datasheet HTML 9Page - STMicroelectronics VN16BSP Datasheet HTML 10Page - STMicroelectronics VN16BSP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
VN16BSP
PACKAGE MECHANICAL
Table 10. Power SO-10 Mechanical Data
Note: 8.
Muar only POA P013P.
Figure 12. Power SO-10 Package Dimensions
Note: Drawing is not to scale.
Symbol
millimeters
Min
Typ
Max
A3.35
3.65
A (8)
3.4
3.6
A1
0.00
0.10
B0.40
0.60
B (8)
0.37
0.53
C0.35
0.55
C (8)
0.23
0.32
D9.40
9.60
D1
7.40
7.60
E9.30
9.50
E2
7.20
7.60
E2 (8)
7.30
7.50
E4
5.90
6.10
E4 (8)
5.90
6.30
e1.27
F1.25
1.35
F (8)
1.20
1.40
H
13.80
14.40
H (8)
13.85
14.35
h0.50
L1.20
1.80
F (8)
0.80
1.10
a
0º
8º
α (8)
2º
8º
DETAIL "A"
PLANE
SEATING
α
L
A1
F
A1
h
A
D
D1
=
=
=
=
E4
0.10 A
C
A
B
B
DETAIL "A"
SEATING
PLANE
E2
10
1
eB
HE
0.25
P095A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com