Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6732 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 5Page - STMicroelectronics L6732 Datasheet HTML 6Page - STMicroelectronics L6732 Datasheet HTML 7Page - STMicroelectronics L6732 Datasheet HTML 8Page - STMicroelectronics L6732 Datasheet HTML 9Page - STMicroelectronics L6732 Datasheet HTML 10Page - STMicroelectronics L6732 Datasheet HTML 11Page - STMicroelectronics L6732 Datasheet HTML 12Page - STMicroelectronics L6732 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
L6732
Electrical characteristics
9/37
4
Electrical characteristics
Table 5.
Electrical characteristics
(VCC = 12 V, TA = 25 °C, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC supply current
ICC
VCC stand by current
OSC = open; SS to GND
7
9
mA
VCC quiescent current
OSC = open;
HG = open, LG = open,
PH = open
8.5
10
Power-ON
VCC
Turn-ON VCC threshold
VOCH = 1.7 V
4.0
4.2
4.4
V
Turn-OFF VCC threshold
VOCH = 1.7 V
3.6
3.8
4.0
V
VIN OK
Turn-ON VOCH threshold
1.1
1.25
1.47
V
VIN OK
Turn-OFF VOCH threshold
0.9
1.05
1.27
V
VCCDR regulation
VCCDR voltage
VCC = 5.5 V to 14 V
IDR = 1 mA to 100 mA
4.555.5
V
Soft-start and inhibit
ISS
Soft-start current
SS = 2 V
7
10
13
µA
SS = 0 to 0.5 V
20
30
45
Oscillator
fOSC
Accuracy
237
250
263
kHz
450
500
550
kHz
∆V
OSC
Ramp amplitude
2.1
V
Output voltage
VFB
Output voltage
VDIS = 0 to Vth
0.597
0.6
0.603
V
Error amplifier
REAREF
EAREF input resistance
Vs GND
70
100
150
k
Ω
IFB
I.I. bias current
VFΒ = 0 V
0.290
0.5
µA
Ext ref
clamp
2.3
V
VOFFSET
Error amplifier offset
Vref = 0.6 V
-5
+5
mV
GV
Open loop voltage gain
Guaranteed by design
100
dB
GBWP
Gain-bandwidth product
Guaranteed by design
10
MHz
SR
Slew-rate
COMP = 10 pF
Guaranteed by design
5V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com