Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6732TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6732TR
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6732TR Datasheet HTML 13Page - STMicroelectronics L6732TR Datasheet HTML 14Page - STMicroelectronics L6732TR Datasheet HTML 15Page - STMicroelectronics L6732TR Datasheet HTML 16Page - STMicroelectronics L6732TR Datasheet HTML 17Page - STMicroelectronics L6732TR Datasheet HTML 18Page - STMicroelectronics L6732TR Datasheet HTML 19Page - STMicroelectronics L6732TR Datasheet HTML 20Page - STMicroelectronics L6732TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
L6732
Device description
17/37
rises with a slope of 100 mV/µs, emulating in this way the breaking of the high-side
MOSFET as an over-voltage cause.
The device realizes the over-current-protection (OCP) sensing the current both on the
high-side MOSFET(s) and the low-side MOSFET(s) and so 2 current limit thresholds can be
set (see OCH pin and OCL pin in Table 4. Pins function):
●
Peak current limit
●
Valley current limit
The peak current protection is active when the high-side MOSFET(s) is turned on, after a
masking time of about 100 ns. The valley-current-protection is enabled when the low-side
MOSFET(s) is turned on after a masking time of about 400 ns. If, when the soft-start phase
is completed, an over current event occurs during the on time (peak-current-protection) or
during the off time (valley-current-protection) the device enters in HICCUP mode: the high-
side and low-side MOSFET(s) are turned off, the soft-start capacitor is discharged with a
constant current of 10 µA and when the voltage at the SS pin reaches 0.5 V the soft-start
phase restarts. During the soft-start phase the OCP provides a constant-current-protection.
If during the TON the OCH comparator triggers an over current the high-side MOSFET(s) is
immediately turned off (after the masking time and the internal delay) and returned on at the
next PWM cycle. The limit of this protection is that the TON can't be less than masking time
plus propagation delay because during the masking time the peak-current-protection is
disabled. In case of very hard short circuit, even with this short TON, the current could
escalate. The valley-current-protection is very helpful in this case to limit the current. If
during the off-time the OCL comparator triggers an over current, the high-side MOSFET(s)
is not turned on until the current is over the valley-current-limit. This implies that, if it is
necessary, some pulses of the high-side MOSFET(s) will be skipped, guaranteeing a
maximum current due to the following formula:
Figure 11.
OVP: the low-side MOSFET is turned-on in advance
VOUT
VFB
LGate
109%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com