Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6743B Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6743B
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6743B Datasheet HTML 5Page - STMicroelectronics L6743B Datasheet HTML 6Page - STMicroelectronics L6743B Datasheet HTML 7Page - STMicroelectronics L6743B Datasheet HTML 8Page - STMicroelectronics L6743B Datasheet HTML 9Page - STMicroelectronics L6743B Datasheet HTML 10Page - STMicroelectronics L6743B Datasheet HTML 11Page - STMicroelectronics L6743B Datasheet HTML 12Page - STMicroelectronics L6743B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L6743B
Device description and operation
9/16
5.3
Internal BOOT diode
L6743B embeds a boot diode to supply the high-side driver saving the use of an external
component. Simply connecting an external capacitor between BOOT and PHASE complete
the high-side supply connections.
To prevent bootstrap capacitor to extra-charge as a consequence of large negative spikes,
an external series resistance RBOOT (in the range of few ohms) may be required in series to
BOOT pin.
Bootstrap capacitor needs to be designed in order to show a negligible discharge due to the
high-side MOSFET turn-on. In fact it must give a stable voltage supply to the high-side driver
during the MOSFET turn-on also minimizing the power dissipated by the embedded Boot
Diode. Figure 5 gives some guidelines on how to select the capacitance value for the
bootstrap according to the desired discharge and depending on the selected MOSFET.
Figure 5.
Bootstrap capacitance design
5.4
Power dissipation
L6743B embeds high current drivers for both high-side and low-side MOSFETs: it is then
important to consider the power that the device is going to dissipate in driving them in order
to avoid overcoming the maximum junction operative temperature.
Two main terms contribute in the device power dissipation: bias power and drivers' power.
Device power (PDC) depends on the static consumption of the device through the
supply pins and it is simply quantifiable as follow:
Drivers' power is the power needed by the driver to continuously switch ON and OFF
the external MOSFETs; it is a function of the switching frequency and total gate charge
of the selected MOSFETs. It can be quantified considering that the total power PSW
dissipated to switch the MOSFETs dissipated by three main factors: external gate
resistance (when present), intrinsic MOSFET resistance and intrinsic driver resistance.
This last term is the important one to be determined to calculate the device power
dissipation.
The total power dissipated to switch the MOSFETs results:
P
DC
V
CC
I
CC
V
PVCC
I
PVCC
+
=
P
SW
F
SW
Q
GHS
PVCC
Q
GLS
VCC
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com