Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6743BTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6743BTR
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743BTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6743BTR Datasheet HTML 6Page - STMicroelectronics L6743BTR Datasheet HTML 7Page - STMicroelectronics L6743BTR Datasheet HTML 8Page - STMicroelectronics L6743BTR Datasheet HTML 9Page - STMicroelectronics L6743BTR Datasheet HTML 10Page - STMicroelectronics L6743BTR Datasheet HTML 11Page - STMicroelectronics L6743BTR Datasheet HTML 12Page - STMicroelectronics L6743BTR Datasheet HTML 13Page - STMicroelectronics L6743BTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Device description and operation
L6743B
10/16
When designing an application based on L6743B it is recommended to take into
consideration the effect of external gate resistors on the power dissipated by the driver.
External gate resistors helps the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor
resulting in a general cooling of the device.
Referring to Figure 6, classical MOSFET driver can be represented by a push-pull output
stage with two different MOSFETs: P-MOSFET to drive the external gate high and N-
MOSFET to drive the external gate low (with their own RdsON: Rhi_HS, Rlo_HS, Rhi_LS,
Rlo_LS). The external power MOSFET can be represented in this case as a capacitance
(CG_HS, CG_LS) that stores the gate-charge (QG_HS, QG_LS) required by the external power
MOSFET to reach the driving voltage (PVCC for HS and VCC for LS). This capacitance is
charged and discharged at the driver switching frequency FSW.
The total power Psw is dissipated among the resistive components distributed along the
driving path. According to the external gate resistance and the power-MOSFET intrinsic
gate resistance, the driver dissipates only a portion of Psw as follow:
The total power dissipated from the driver can then be determined as follow:
Figure 6.
Equivalent circuit for MOSFET drive
P
SW
HS
–
1
2
--- C
GHS
PVCC
2
Fsw
R
hiHS
R
hiHS
R
GateHS
R
iHS
++
----------------------------------------------------------------
R
loHS
R
loHS
R
GateHS
R
iHS
++
----------------------------------------------------------------
+
⎝⎠
⎛⎞
⋅⋅
⋅
⋅
=
P
SW
LS
–
1
2
--- C
GLS
VCC
2
Fsw
R
hiLS
R
hiLS
R
GateLS
R
iLS
++
--------------------------------------------------------------
R
loLS
R
loLS
R
GateLS
R
iLS
++
--------------------------------------------------------------
+
⎝⎠
⎛⎞
⋅⋅
⋅
⋅
=
PP
DC
P
SW
HS
–
P
SW
LS
–
++
=
RGATELS
RILS
CGLS
VCC
LS DRIVER
LS MOSFET
GND
LGATE
RGATEHS
RIHS
CGHS
BOOT
HS DRIVER
HS MOSFET
PHASE
HGATE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com