Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6910 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6910_05 Datasheet HTML 9Page - STMicroelectronics L6910_05 Datasheet HTML 10Page - STMicroelectronics L6910_05 Datasheet HTML 11Page - STMicroelectronics L6910_05 Datasheet HTML 12Page - STMicroelectronics L6910_05 Datasheet HTML 13Page - STMicroelectronics L6910_05 Datasheet HTML 14Page - STMicroelectronics L6910_05 Datasheet HTML 15Page - STMicroelectronics L6910_05 Datasheet HTML 16Page - STMicroelectronics L6910_05 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
L6910 - L6910A
Figure 13. PCB and Components Layouts
Figure 14. PCB and Components Layouts
Figure 15. Efficiency vs Output Current
Component Side
Internal Signal GND Layer
Internal Power GND Layer
Solder Side
75
80
85
90
95
100
13
57
9
11
13
15
17
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=2.5V
Vin=Vcc=5V
Fsw=200KHz
Vo=3.3V
Vo=0.9V
75
80
85
90
95
100
13
57
9
11
13
15
17
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=2.5V
Vin=Vcc=5V
Fsw=200KHz
Vo=3.3V
Vo=0.9V
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com