Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6911E Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6911E_07 Datasheet HTML 2Page - STMicroelectronics L6911E_07 Datasheet HTML 3Page - STMicroelectronics L6911E_07 Datasheet HTML 4Page - STMicroelectronics L6911E_07 Datasheet HTML 5Page - STMicroelectronics L6911E_07 Datasheet HTML 6Page - STMicroelectronics L6911E_07 Datasheet HTML 7Page - STMicroelectronics L6911E_07 Datasheet HTML 8Page - STMicroelectronics L6911E_07 Datasheet HTML 9Page - STMicroelectronics L6911E_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin settings
L6911E
6/34
11
GND
All the internal references are referred to this pin. Connect it to the PCB signal
ground.
12
PGOOD
This pin is an open collector output and is pulled low if the output voltage is not
within the above specified threshlds.
If not used may be left floating.
13
PHASE
This pin is connected to the source of the upper mosfet and provides the return
path for the high side driver. This pin monitors the drop across the upper mosfet
for the current limit.
14
UGATE
High side gate driver output.
15
BOOT
Bootstrap capacitor pin. Through this pin is supplied the high side driver and
the upper mosfet. Connect through a capacitor to the PHASE pin and through
a diode to Vcc (catode vs boot).
16
PGND
Power ground pin. This pin has to be connected closely to the low side mosfet
source in order to reduce the noise injection into the device
17
LGATE
This pin is the lower mosfet gate driver output
18
VCC
Device supply voltage. The operative supply voltage range is from 4.5 to 12V.
DO NOT CONNECT VIN to 12V if VCC IS 5V.
19
OVP
Over voltage protection. If the output voltage reach the 15% above the
programmed voltage this pin is driven high and can be used to drive an
external SCR that crowbar the supply voltage.
If not used, it may be left floating.
20
RT
Oscillator switching frequency pin. Connecting an external resistor from this pin
to GND, the external frequency is increased according to the equation:
Connecting a resistor from this pin to Vcc (12V), the switching frequency is
reduced according to the equation:
If the pin is not connected, the switching frequency is 200KHz.
The voltage at this pin is fixed at 1.23V. Forcing a 50
µA current into this pin, the
built in oscillator stops to switch.
Table 2. Pin description (continued)
N°
Name
Description
f
S
200kHz
510
6
⋅
R
T kΩ
()
--------------------
+
=
f
S
200kHz
410
7
⋅
R
T kΩ
()
--------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com