Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6924U Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 22Page - STMicroelectronics L6924U Datasheet HTML 23Page - STMicroelectronics L6924U Datasheet HTML 24Page - STMicroelectronics L6924U Datasheet HTML 25Page - STMicroelectronics L6924U Datasheet HTML 26Page - STMicroelectronics L6924U Datasheet HTML 27Page - STMicroelectronics L6924U Datasheet HTML 28Page - STMicroelectronics L6924U Datasheet HTML 29Page - STMicroelectronics L6924U Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Application information: monitoring and protection
L6924U
26/38
Where RNTC50°C is the value of the NTC at 50 °C. Considering VMAXTH = 225 mV it follows
that:
Equation 16
Consequently:
Equation 17
Based on equations 14 and 17, it derives that:
Equation 18
The temperature hysteresis can be estimated by the formula:
Equation 19
Where VTH is the pin voltage threshold on the rising edge, VTH_HYS is the pin voltage
threshold on the falling edge, and NTCT (- %/°C) is the negative temperature coefficient of
the NTC at temperature (T) expressed in % resistance change per °C. For NTCT values, see
the characteristics of the NTC manufacturers (e.g. the 2322615 series by VISHAY). At the
low temperature, the hysteresis is approximately:
Equation 20
Obviously at the high temperature hysteresis is:
Equation 21
C
NTC
UP
C
NTC
R
R
R
°
°
+
×
=
50
50
8
.
1
225
.
0
7
50
UP
C
NTC
R
R
=
°
7
50
0
=
°
°
C
NTC
C
NTC
R
R
T
TH
HYS
TH
TH
HYS
NTC
V
V
V
T
×
−
=
_
C
NTC
mV
mV
mV
T
C
HYS
°
×
−
=
°
0
900
780
900
0
C
NTC
mV
mV
mV
T
C
HYS
°
×
−
=
°
50
225
248
225
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com