Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6924U013TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6924U013TR
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6924U013TR Datasheet HTML 9Page - STMicroelectronics L6924U013TR Datasheet HTML 10Page - STMicroelectronics L6924U013TR Datasheet HTML 11Page - STMicroelectronics L6924U013TR Datasheet HTML 12Page - STMicroelectronics L6924U013TR Datasheet HTML 13Page - STMicroelectronics L6924U013TR Datasheet HTML 14Page - STMicroelectronics L6924U013TR Datasheet HTML 15Page - STMicroelectronics L6924U013TR Datasheet HTML 16Page - STMicroelectronics L6924U013TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
L6924U
Operation description
13/38
Figure 6.
Typical charge curves in linear mode
The worst case in power dissipation occurs when the device starts the fast-charge phase. In
fact, the battery voltage is at its minimum value. In this case, there is the maximum
difference between the adapter voltage and battery voltage, and the charge current is at its
maximum value.
The power dissipated is given by the following formula:
Equation 1
The higher the adapter voltage is, the higher the power dissipated is. The maximum power
dissipated depends on the thermal impedance of the device mounted on board.
End
Charge
Voltage-Regulation
Phase
Power dissipation
Pre-Charge
Phase
Fast-Charge
Phase
I
PRETH
I
CHG
V
OPRGTH
Battery Voltage
Charge Current
Adapter Voltage
V
ADP
V
PRETH
CHG
BAT
ADP
DIS
I
V
V
P
×
−
=
)
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com