Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109MA1AA2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # Z0109MA1AA2
Description  1 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MA1AA2 Datasheet(HTML) 4 Page - STMicroelectronics

  Z0109MA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0109MA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristcs
Z01
4/9
Figure 7.
Non-repetitive surge peak
on-state current for a sinusoidal
pulse with width tp < 10 ms and
corresponding value of I2t
Figure 8.
On-state characteristics
(maximum values)
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
t (ms)
p
I
(A), I t (A s)
TSM
22
It
2
dI/dt limitation:
20A/µs
T initial = 25°C
j
ITSM
I
(A)
TM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
V
(V)
TM
T =
max.
j
Tj
T = 25°C
j
T =max.
j
V =0.95 V
R =400 m
t0
d
Ω
Figure 9.
Relative variation of critical rate
of decrease of main current versus
(dV/dt)c (typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 11.
SOT-223 Thermal resistance
junction to ambient versus copper
surface under tab (printed circuit
board FR4, copper thickness:
35 µm)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Z0103
Z0107
Z0110
Z0109
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
(dV/dt)c (V/µs)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
Specified]
j
(dI/dt)c [Tj
T (°C)
j
R
(°C/W)
th(j-a)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
S(cm²)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com