Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7269A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7269A
Description  14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269A Datasheet(HTML) 7 Page - STMicroelectronics

  TDA7269A_03 Datasheet HTML 1Page - STMicroelectronics TDA7269A_03 Datasheet HTML 2Page - STMicroelectronics TDA7269A_03 Datasheet HTML 3Page - STMicroelectronics TDA7269A_03 Datasheet HTML 4Page - STMicroelectronics TDA7269A_03 Datasheet HTML 5Page - STMicroelectronics TDA7269A_03 Datasheet HTML 6Page - STMicroelectronics TDA7269A_03 Datasheet HTML 7Page - STMicroelectronics TDA7269A_03 Datasheet HTML 8Page - STMicroelectronics TDA7269A_03 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
TDA7269A
Figure 6. Single Power Supply Application Diagram
PLAY
5V
15K
IN (L)
1
µF
10K
1
µF
MUTE
IN (R)
1
µF
4.7
Ω
1K
0.1
µF
OUT (L)
OUT (R)
1000
µF
+VS
3
5
7
9
6
11
2
4
+
-
D03AU1518
OUT
GND
30K
IN- (L)
8
10
IN- (R)
1
1K
30K
4.7
Ω
0.1
µF
5.6nF
15K
0
MUTE
BSX33
0.1
µF
5.1V
100
µF
Figure 7. Distortion vs Output Power
Figure 8. Distortion vs Output Power
Figure 9. Distortion vs Output Power
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
600m
40
12
3
4 5 6 7 8 9
20
30
Pout (W)
THD(%)
Vs =+/- 10V
Rload =4 ohm
f=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
600m
40
12
3
4 5 6 7 8 9
20
30
Pout (W)
THD(%)
Vs =+/- 10V
Rload =4 ohm
f=1KHz
THD(%)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
600m
40
12
3
4 5 6 7 8 9
20
30
Vs =+/- 12V
Rload =6 ohm
f=1KHz
Pout (W)
THD(%)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
600m
40
12
3
4 5 6 7 8 9
20
30
Vs =+/- 12V
Rload =6 ohm
f=1KHz
Pout (W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
600m
40
12
3
4 5 6 7 8 9
20
30
Pout (W)
Vs =+/- 14V
Rload =8 ohm
f=1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD(%)
600m
40
12
3
4 5 6 7 8 9
20
30
Pout (W)
Vs =+/- 14V
Rload =8 ohm
f=1KHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com