Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7384A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7384A
Description  4 x 42W quad bridge car radio amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7384A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7384A_07 Datasheet HTML 3Page - STMicroelectronics TDA7384A_07 Datasheet HTML 4Page - STMicroelectronics TDA7384A_07 Datasheet HTML 5Page - STMicroelectronics TDA7384A_07 Datasheet HTML 6Page - STMicroelectronics TDA7384A_07 Datasheet HTML 7Page - STMicroelectronics TDA7384A_07 Datasheet HTML 8Page - STMicroelectronics TDA7384A_07 Datasheet HTML 9Page - STMicroelectronics TDA7384A_07 Datasheet HTML 10Page - STMicroelectronics TDA7384A_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TDA7384A
Electrical specifications
7/14
Figure 3.
Standard test and application circuit
eNo
Output noise
"A" Weighted
50
70
μV
Bw = 20Hz to 20KHz
70
100
μV
SVR
Supply voltage rejection
f = 100Hz; Vr = 1Vrms
50
65
dB
fch
High cut-off frequency
Po = 0.5W
100
200
KHz
Ri
Input Impedance
70
100
K
Ω
CT
Cross talk
f = 1KHz; Po = 4W
60
70
dB
f = 10KHz; Po = 4W
50
60
dB
ISB
St-By current consumption
VSt-By = 0V
20
μA
Ipin4
St-By pin current
VSt-By = 1.2 to 2.6V
±1
μA
VSB out
St-By OUT threshold voltage (Amp: ON)
3.5
V
VSB IN
St-By IN threshold voltage
(Amp: OFF)
1.5
V
AM
Mute attenuation
POref = 4W
80
90
dB
VM out
Mute OUT threshold voltage (Amp: Play)
3.5
V
VM in
Mute IN threshold voltage
(Amp: Mute)
1.5
V
VAM in
VS automute threshold
(Amp: Mute); Att
≥ 80dB;
POref = 4W
(Amp: Play); Att < 0.1dB;
PO = 0.5W
7.6
6.5
8.5
V
V
Ipin22
Muting pin current
VMUTE = 1.2V
(Source current)
511
20
μA
1.
Saturated square wave output.
Table 4.
Electrical characteristics (continued)
(VS = 14.4V; f = 1KHz; Rg = 600Ω; RL = 4Ω;Tamb = 25°C; Refer to the test and application
diagram (Figure 3), unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IN1
0.1
μF
C9
1
μF
IN2
C2 0.1
μF
OUT1
OUT2
IN3
C3 0.1
μF
IN4
C4 0.1
μF
OUT3
OUT4
D95AU335C
C5
0.47
μF
C6
47
μF
SVR
TAB
Vcc1-2
Vcc3-4
C8
0.1
μF
C7
2200
μF
C10
1
μF
ST-BY
R1
10K
R2
47K
MUTE
C1
14
15
12
11
22
4
13
S-GND
16
10
25
1
N.C.
620
9
8
7
5
2
3
17
18
19
21
24
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com