Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7381 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7381_08 Datasheet HTML 1Page - STMicroelectronics TDA7381_08 Datasheet HTML 2Page - STMicroelectronics TDA7381_08 Datasheet HTML 3Page - STMicroelectronics TDA7381_08 Datasheet HTML 4Page - STMicroelectronics TDA7381_08 Datasheet HTML 5Page - STMicroelectronics TDA7381_08 Datasheet HTML 6Page - STMicroelectronics TDA7381_08 Datasheet HTML 7Page - STMicroelectronics TDA7381_08 Datasheet HTML 8Page - STMicroelectronics TDA7381_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TDA7381
Electrical specifications
5/13
Figure 3.
Standard test and application circuit
eNo
Output noise
"A" Weighted
50
μV
Bw = 20 Hz to 20 kHz
65
150
μV
SVR
Supply voltage rejection
f = 100 Hz
50
65
dB
fcl
Low cut-off frequency
20
Hz
fch
High cut-off frequency
75
KHz
Ri
Input impedance
70
100
K
Ω
CT
Cross talk
f = 1KHz
50
70
dB
ISB
St-by current consumption
St-by = LOW
100
μA
VSB out
St-by out threshold voltage
(Amp: ON)
3.5
V
VSB IN
St-by in threshold voltage
(Amp: OFF)
1.5
V
AM
Mute attenuation
VO = 1 Vrms
80
90
dB
VM out
Mute out threshold voltage
(Amp: play)
3.5
V
VM in
Mute in threshold voltage
(Amp: mute)
1.5
V
Im (L)
Muting pin current
VMUTE = 1.5 V; (source current)
5
10
16
μA
ICDOFF
Clipping detector "OFF"
output average current
THD = 1 % (2)
100
μA
ICDON
Clipping Detector "ON"
Output Average Current
THD = 10 % (2)
100
240
350
μA
1.
Saturated square wave output.
2.
Diagnostics output pulled-up to 5 V with 10 k
Ω series resistor.
Table 4.
Electrical characteristcs (continued)
(VS = 14.4 V; f = 1 kHz; Rg = 600 Ω; RL = 4 Ω; Tamb = 25 °C; Refer to the test and application
circuit (Figure 3), unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IN1
0.1
μF
C9
1
μF
IN2
C2 0.1
μF
OUT1
OUT2
IN3
C3 0.1
μF
IN4
C4 0.1
μF
OUT3
OUT4
D94AU179B
C5
0.1
μF
C6
47
μF
SVR
TAB
Vcc1-2
Vcc3-4
C8
0.1
μF
C7
2200
μF
C10
1
μF
ST-BY
R1
10K
R2
47K
MUTE
C1
14
15
12
11
22
4
13
S-GND
16
10
25
1
DIAGNOSTICS
620
9
8
7
5
2
3
17
18
19
21
24
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com