Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-TDA7348D Datasheet(PDF) 7 Page - STMicroelectronics

Part # E-TDA7348D
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7348D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button E-TDA7348D Datasheet HTML 3Page - STMicroelectronics E-TDA7348D Datasheet HTML 4Page - STMicroelectronics E-TDA7348D Datasheet HTML 5Page - STMicroelectronics E-TDA7348D Datasheet HTML 6Page - STMicroelectronics E-TDA7348D Datasheet HTML 7Page - STMicroelectronics E-TDA7348D Datasheet HTML 8Page - STMicroelectronics E-TDA7348D Datasheet HTML 9Page - STMicroelectronics E-TDA7348D Datasheet HTML 10Page - STMicroelectronics E-TDA7348D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TDA7348
Electrical characteristics
7/20
Soft mute
AMUTE
Mute attenuation
45
60
dB
TDON
ON delay time
CCSM = 22nF; 0 to -20dB; I =
IMAX
0.7
1
1.7
ms
CCSM = 22nF; 0 to -20dB; I =
IMIN
20
35
55
ms
TDOFF
OFF delay time
VCSM = 0V; I = IMAX
25
50
75
μA
VCSM = 0V; I = IMIN
1
μA
VTHSM
Soft mute threshold
1.5
2.5
3.5
V
RINT
Pull-up resistor (pin 22)
35
50
65
K
Ω
VSMH
(pin 22) level high
Soft Mute active
3.5
V
VSML
(pin 22) level low
1
V
Bass control
BBOOST Max bass boost
15
18
20
dB
BCUT
Max bass cut
-8.5
-10
-11.5
dB
Astep
Step resolution
1
2
3
dB
Rg
Internal feedback resistance
45
65
85
K
Ω
Treble control
CRANGE Control range
±13
±14
±15
dB
Astep
Step resolution
1
2
3
dB
Speaker attenuators
CRANGE Control range
35
37.5
40
dB
Astep
Step resolution
0.5
1.25
2.0
dB
AMUTE
Output mute attenuation
Data word = XXX11111
80
100
dB
EA
Attenuation set error
1.25
dB
VDC
DC steps
Adjacent attenuation steps
0
3
mV
Audio output
Vclip
Clipping level
d = 0.3%
2.1
2.6
Vrms
RL
Output load resistance
2
K
Ω
RO
Output impedance
30
100
W
VDC
DC voltage level
3.5
3.8
4.1
V
General
VCC
Supply voltage
6
9
10.2
V
Table 1.
Electrical characteristics (continued)
VS = 9V; RL = 10KΩ; Rg = 50Ω; Tamb = 25°C; all controls flat (G = 0.3dB step
0dB); f = 1KHz. Refer to the test circuit, unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com