Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4066 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4066
Description  RAD-HARD QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4066 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4066_04 Datasheet HTML 1Page - STMicroelectronics M54HC4066_04 Datasheet HTML 2Page - STMicroelectronics M54HC4066_04 Datasheet HTML 3Page - STMicroelectronics M54HC4066_04 Datasheet HTML 4Page - STMicroelectronics M54HC4066_04 Datasheet HTML 5Page - STMicroelectronics M54HC4066_04 Datasheet HTML 6Page - STMicroelectronics M54HC4066_04 Datasheet HTML 7Page - STMicroelectronics M54HC4066_04 Datasheet HTML 8Page - STMicroelectronics M54HC4066_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
HIGH SPEED:
tPD = 7ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
LOW "ON" RESISTANCE:
RON =50Ω TYP. AT VCC =9V, II/O =100 µA
s
WIDE OPERATING VOLTAGE RANGE
VCC
(OPR) = 2V TO 12V
s
SINE WAVE DISTORTION:
0.042% at VCC =4V f = 1KHz
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4066
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9408-052
DESCRIPTION
The M54HC4066 is an high speed CMOS QUAD
BILATERAL SWITCH fabricated with silicon gate
C2MOS technology.
The C input is provided to control the switch; the
switch is on when the C input is held high and off
when C is held low.
M54HC4066
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4066D
M54HC4066D1
FPC
M54HC4066K
M54HC4066K1
RAD-HARD QUAD BILATERAL SWITCH
DILC-14
FPC-14
Rev. 1


Similar Part No. - M54HC4066_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4066D STMICROELECTRONICS-M54HC4066D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4066F1R STMICROELECTRONICS-M54HC4066F1R Datasheet
258Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
M54HC4066K STMICROELECTRONICS-M54HC4066K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4066_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com