Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4066 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC4066
Description  RAD-HARD QUAD BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4066 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC4066 Datasheet HTML 1Page - STMicroelectronics M54HC4066 Datasheet HTML 2Page - STMicroelectronics M54HC4066 Datasheet HTML 3Page - STMicroelectronics M54HC4066 Datasheet HTML 4Page - STMicroelectronics M54HC4066 Datasheet HTML 5Page - STMicroelectronics M54HC4066 Datasheet HTML 6Page - STMicroelectronics M54HC4066 Datasheet HTML 7Page - STMicroelectronics M54HC4066 Datasheet HTML 8Page - STMicroelectronics M54HC4066 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M54HC4066
5/11
Table 8: Analog Switch Characteristics (GND = 0V;TA = 25°C)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion (THD)
4.5
4
fIN =1 KHz RL =10 KΩ,CL =50 pF
0.05
%
9.0
8
0.04
fMAX
Frequency
Response
(Switch ON)
4.5
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL =50Ω,CL =10 pF
200
MHz
9.0
200
Feed through
Attenuation (Switch
OFF)
4.5
VIN is centered at VCC/2. Adjust input for 0 dBm
RL = 600Ω CL =50 pF, fIN =1MHzsinewave
-60
dB
9.0
-60
Crosstalk (Control
Input to Signal
Output)
4.5
RL = 600Ω,CL =50pF, fIN = 1MHz square wave (tr =tf =6ns)
60
mV
9.0
100
Crosstalk (Between
Any Switches)
4.5
Adjust VIN to Obtain 0 dBmat input
RL = 600Ω,CL =50 pF, fIN =1MHz sinewave
-60
dB
9.0
-60



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com