Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW20NM60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW20NM60
Description  N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NM60 Datasheet(HTML) 3 Page - STMicroelectronics

  STW20NM60 Datasheet HTML 1Page - STMicroelectronics STW20NM60 Datasheet HTML 2Page - STMicroelectronics STW20NM60 Datasheet HTML 3Page - STMicroelectronics STW20NM60 Datasheet HTML 4Page - STMicroelectronics STW20NM60 Datasheet HTML 5Page - STMicroelectronics STW20NM60 Datasheet HTML 6Page - STMicroelectronics STW20NM60 Datasheet HTML 7Page - STMicroelectronics STW20NM60 Datasheet HTML 8Page - STMicroelectronics STW20NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
STP20NM60 - STP20NM60FP - STB20NM60 - STW20NM60 - STB20NM60-1
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 7: Dynamic
Table 8: Source Drain Diode
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80%
VDSS.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > ID(on) x R DS(on)max,
ID = 10 A
11
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
1500
350
35
pF
pF
pF
Coss eq. (3)
Equivalent Output
Capacitance
VGS = 0V, VDS = 0V to 400 V
215
pF
td(on)
tr
td(off)
tf
tc
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Cross-over Time
VDD = 200 V, ID = 10 A
RG = 4.7Ω VGS = 10 V
(Resistive Load see, Figure 3)
VDD = 480 V, ID = 20 A
(See test circuit, Figure 5)
25
20
6
11
21
ns
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 400 V, ID = 20 A,
VGS = 10V
39
10
20
54
nC
nC
nC
Rg
Gate Input Resistance
f = 1 MHz Gate DC Bias = 0
Test Signal Level = 20 mV
Open Drain
1.6
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
20
80
A
A
VSD (1)
Forward On Voltage
ISD = 20 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD =20 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 25°C
(see test circuit, Figure 5)
390
5
25
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD =20 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150°C
(see test circuit, Figure 5)
510
6.5
26
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com