Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z2M1Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z2M1Y
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z2M1Y Datasheet HTML 4Page - STMicroelectronics M48Z2M1Y Datasheet HTML 5Page - STMicroelectronics M48Z2M1Y Datasheet HTML 6Page - STMicroelectronics M48Z2M1Y Datasheet HTML 7Page - STMicroelectronics M48Z2M1Y Datasheet HTML 8Page - STMicroelectronics M48Z2M1Y Datasheet HTML 9Page - STMicroelectronics M48Z2M1Y Datasheet HTML 10Page - STMicroelectronics M48Z2M1Y Datasheet HTML 11Page - STMicroelectronics M48Z2M1Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M48Z2M1Y, M48Z2M1V
8/17
Figure 8. Chip Enable Controlled, WRITE Mode AC Waveforms
Note: Output Enable (G) = High.
Table 4. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF (see Figure 10., page 11).
3. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter(1)
M48Z2M1Y
M48Z2M1V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
WRITE Cycle Time
70
85
ns
tAVEH
Address Valid to Chip Enable High
65
75
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tAVWH
Address Valid to WRITE Enable High
65
75
ns
tAVWL
Address Valid to WRITE Enable Low
0
0
ns
tDVEH
Input Valid to Chip Enable High
30
35
ns
tDVWH
Input Valid to WRITE Enable High
30
35
ns
tEHAX
Chip Enable High to Address Transition
15
15
ns
tEHDX
Chip Enable High to Input Transition
10
15
ns
tELEH
Chip Enable Low to Chip Enable High
55
75
ns
tWHAX
WRITE Enable High to Address Transition
5
5
ns
tWHDX
WRITE Enable High to Input Transition
0
0
ns
tWHQX
(2,3)
WRITE Enable High to Output Transition
5
5
ns
tWLQZ
(2,3)
WRITE Enable Low to Output Hi-Z
25
30
ns
tWLWH
WRITE Enable Pulse Width
55
65
ns
AI02054
tAVAV
tEHAX
tDVEH
A0-A20
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com