Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z2M1V Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48Z2M1V
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48Z2M1V Datasheet HTML 9Page - STMicroelectronics M48Z2M1V Datasheet HTML 10Page - STMicroelectronics M48Z2M1V Datasheet HTML 11Page - STMicroelectronics M48Z2M1V Datasheet HTML 12Page - STMicroelectronics M48Z2M1V Datasheet HTML 13Page - STMicroelectronics M48Z2M1V Datasheet HTML 14Page - STMicroelectronics M48Z2M1V Datasheet HTML 15Page - STMicroelectronics M48Z2M1V Datasheet HTML 16Page - STMicroelectronics M48Z2M1V Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
M48Z2M1Y, M48Z2M1V
Figure 11. Power Down/Up Mode AC Waveforms
Table 9. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Table 10. Power Down/Up Trip Points DC Characteristics
Note: 1. All voltages referenced to VSS.
2. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
3. At 25°C; VCC = 0V.
Symbol
Parameter(1)
Min
Max
Unit
tER
E Recovery Time
40
120
ms
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSO VCC Fall Time
M48Z2M1Y
10
µs
M48Z2M1V
150
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tWP
Write Protect Time from VCC = VPFD
M48Z2M1Y
40
150
µs
M48Z2M1V
40
250
µs
Symbol
Parameter(1,2)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48Z2M1Y
4.2
4.3
4.5
V
M48Z2M1V
2.8
2.9
3.0
V
VSO
Battery Back-up Switchover Voltage
M48Z2M1Y
3.0
V
M48Z2M1V
2.45
V
tDR
(3)
Expected Data Retention Time
10
YEARS
AI01031
VCC
E
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tRB
tWP
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com