Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7501TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7501TR
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7501TR Datasheet HTML 21Page - STMicroelectronics TDA7501TR Datasheet HTML 22Page - STMicroelectronics TDA7501TR Datasheet HTML 23Page - STMicroelectronics TDA7501TR Datasheet HTML 24Page - STMicroelectronics TDA7501TR Datasheet HTML 25Page - STMicroelectronics TDA7501TR Datasheet HTML 26Page - STMicroelectronics TDA7501TR Datasheet HTML 27Page - STMicroelectronics TDA7501TR Datasheet HTML 28Page - STMicroelectronics TDA7501TR Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Software specification for both modes
TDA7501
26/29
Figure 16.
Test board diagram
10
μF
10K
6.8K
10
μF
100nF
V33
CASSL
CASSL
CASSR
CASSR
CDL+
CDL
CD-
CDGND
CDR+
CDR
PHONE+
PHONE+
PHONE-
PHONE-
NAVI-
NAVI-
NAVI+
NAVI+
SIGGND
3.3V
1
2
3
10
μF
6.8K
10K
10
μF6V
100nF
4
100nF
5
100nF
6
100nF
7
100nF
220nF
3.3nF
3.3nF
330pF
330pF
220nF
220nF
220nF
220nF
220nF
8
100nF
9
100nF
10
100nF
100nF
11
FM
FM
14
100nF
AM
AM
16
100nF
MPX-RDS
MPX
17
100nF
AM-IF
AM-LEVEL
AM-LEVEL
AM-IF
18
OUTPUTREF
SPKR3R
OUTSWR
23
12
100nF
TUNER-
TUNER-
15
FM-LEVEL
FM-LEVEL
8.3V
12V
VCC 12V
13
GND
19
PGND
VDD
22
20
VCC
21
24
SPKR3L
OUTSWL
25
SPKR2R
OUTRR
26
SPKR2L
OUTLR
27
SPKR1R
OUTRF
28
SPKR1L
OUTLF
29
SEL
SEL
30
SCL
SCL
31
SDA
SDA
32
MUTE
IN3R
IN3L
IN2R
IN2L
IN1R
IN1L
MUTE
33
34
35
36
37
38
39
ADCYDDREF
40
OUT2R
41
OUT2L
42
OUT1R
43
44
OUT1L
TDA7500
TDA7501
D00AU1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com