Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35-70PC1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T35-70PC1
Description  5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35-70PC1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T35-70PC1 Datasheet HTML 13Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 14Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 15Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 16Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 17Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 18Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 19Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 20Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
M48T35 M48T35Y
Maximum rating
17/29
4
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 6.
Absolute maximum ratings
Caution:
Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up
mode.
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
Grade 1
0 to 70
°C
Grade 6
–40 to 85
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
TSLD
(1)(2)(3)
1.
For DIP package: Soldering temperature not to exceed 260°C for 10 seconds (total thermal budget not to
exceed 150°C for longer than 30 seconds).
2.
For SO package, standard (SnPb) lead finish: Reflow at peak temperature of 225°C (total thermal budget
not to exceed 180°C for between 90 to 150 seconds).
3.
For SO package, Lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal
budget not to exceed 245°C for greater than 30 seconds).
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
M48T35
–0.3 to 7
V
M48T35Y
–0.3 to 7
V
VCC
Supply Voltage
M48T35
–0.3 to 7
V
M48T35Y
–0.3 to 7
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com