Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7513T Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 18Page - STMicroelectronics TDA7513T_07 Datasheet HTML 19Page - STMicroelectronics TDA7513T_07 Datasheet HTML 20Page - STMicroelectronics TDA7513T_07 Datasheet HTML 21Page - STMicroelectronics TDA7513T_07 Datasheet HTML 22Page - STMicroelectronics TDA7513T_07 Datasheet HTML 23Page - STMicroelectronics TDA7513T_07 Datasheet HTML 24Page - STMicroelectronics TDA7513T_07 Datasheet HTML 25Page - STMicroelectronics TDA7513T_07 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
Electrical characteristcs
TDA7513T
22/84
Note:
The SM pin is active low (Mute = 0)
2.4
Stereo decoder
d
Distortion (QDin)
VIN = 1VRMS; all stages
0dB
0.012
0.1
%
VIN = 1VRMS; Bass &
Treble = 12dB
0.05
0.1
%
SC
Channel separation Left/Right
(QDin)
80
dB
ET
Total Tracking Error
AV = 0 to -20dB
-1
0
1
dB
AV = -20 to -60dB
-2
0
2
dB
Bus inputs
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
μA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
1.
See note in programming part
Table 24.
Audio processor (continued)
(VS = 8V; Tamb = 25°C; RL = 10k
Ω; all gains = 0dB; f = 1kHz; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 25.
Stereo decoder
(Vcc = 8V; deemphasis time constant = 50µs, VMPX = 305mVrms (75kHz deviation), fm=
1kHz, Gv = 4dB, Tamb = 27°C; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Rin
Input
Resistance
FM
70
100
130
k
Ω
AM
1.422.6
k
Ω
GV
Stereo decoder
input gain
min
0.5
dB
2.25
dB
4.0
dB
max
5.75
dB
SVRR
Supply Voltage Ripple
Rejection
Vripple = 100mV; f =
1KHz
35
60
dB
a
Max. channel Separation
30
45
dB
THD
Total Harmonic Distortion
0.02
0.3
%
(S
+N)/N
Signal plus Noise to Noise
Ratio
A-weighted, S = 2Vrms
@ APout
80
91
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com