Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7563A Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7563A
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7563A Datasheet HTML 16Page - STMicroelectronics TDA7563A Datasheet HTML 17Page - STMicroelectronics TDA7563A Datasheet HTML 18Page - STMicroelectronics TDA7563A Datasheet HTML 19Page - STMicroelectronics TDA7563A Datasheet HTML 20Page - STMicroelectronics TDA7563A Datasheet HTML 21Page - STMicroelectronics TDA7563A Datasheet HTML 22Page - STMicroelectronics TDA7563A Datasheet HTML 23Page - STMicroelectronics TDA7563A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Thermal protection
TDA7563A
20/35
5
Thermal protection
Thermal protection is implemented through thermal foldback (Figure 28).
Thermal foldback begins limiting the audio input to the amplifier stage as the junction
temperatures rise above the normal operating range. This effectively limits the output power
capability of the device thus reducing the temperature to acceptable levels without totally
interrupting the operation of the device.
The output power will decrease to the point at which thermal equilibrium is reached.
Thermal equilibrium will be reached when the reduction in output power reduces the
dissipated power such that the die temperature falls below the thermal foldback threshold.
Should the device cool, the audio level will increase until a new thermal equilibrium is
reached or the amplifier reaches full power. Thermal foldback will reduce the audio output
level in a linear manner.
Three Thermal warning are available through the I2C bus data.
Figure 28.
Thermal foldback diagram
Tj ( °C)
TH. SH.
START
TH. SH.
END
Vout
TH. WARN.
ON
Tj ( °C)
Vout
Tj ( °C)
SD
(with same input
signal)
< TSD
CD out
TH. WARN.
ON
TH. WARN.
ON
125°
140°
155°
> T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com