Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z58 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z58
Description  5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z58 Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z58 Datasheet HTML 1Page - STMicroelectronics M48Z58 Datasheet HTML 2Page - STMicroelectronics M48Z58 Datasheet HTML 3Page - STMicroelectronics M48Z58 Datasheet HTML 4Page - STMicroelectronics M48Z58 Datasheet HTML 5Page - STMicroelectronics M48Z58 Datasheet HTML 6Page - STMicroelectronics M48Z58 Datasheet HTML 7Page - STMicroelectronics M48Z58 Datasheet HTML 8Page - STMicroelectronics M48Z58 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
November 2007
Rev 8
1/23
1
M48Z58
M48Z58Y
5V, 64Kbit (8Kbit x 8) ZEROPOWER ® SRAM
Features
■ Integrated, ultra low power SRAM, power-fail
control circuit, and battery
■ READ cycle time equals WRITE cycle time
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltages:
(VPFD = Power-fail deselect voltage)
–M48Z58: VCC = 4.75 to 5.5V
4.5V
≤ VPFD ≤ 4.75V
–M48Z58Y: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
■ Self-contained battery in the CAPHAT™ DIP
package
■ Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately)
■ SOIC package provides direct connection for a
SNAPHAT top which contains the battery
■ Pin and function compatible with JEDEC
standard 8Kbit x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect
28
1
28
1
PCDIP28 (PC)
Battery CAPHAT
SNAPHAT (SH)
battery
SOH28 (MH)
www.st.com


Similar Part No. - M48Z58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58-70MH1 STMICROELECTRONICS-M48Z58-70MH1 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58-70MH1TR STMICROELECTRONICS-M48Z58-70MH1TR Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58-70MH6 STMICROELECTRONICS-M48Z58-70MH6 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z58-70MH6TR STMICROELECTRONICS-M48Z58-70MH6TR Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
More results

Similar Description - M48Z58

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
CMOS 8K x 8 ZEROPOWER SRAM
Nov-1994
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
04-Jul-2007
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Mar-2005
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com