Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z512BV Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48Z512BV
Description  3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512BV Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48Z512BV Datasheet HTML 10Page - STMicroelectronics M48Z512BV Datasheet HTML 11Page - STMicroelectronics M48Z512BV Datasheet HTML 12Page - STMicroelectronics M48Z512BV Datasheet HTML 13Page - STMicroelectronics M48Z512BV Datasheet HTML 14Page - STMicroelectronics M48Z512BV Datasheet HTML 15Page - STMicroelectronics M48Z512BV Datasheet HTML 16Page - STMicroelectronics M48Z512BV Datasheet HTML 17Page - STMicroelectronics M48Z512BV Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DC and AC parameters
M48Z512BV
14/20
4
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the dc and
ac characteristics of the device. The parameters in the following dc and ac characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Figure 9.
AC measurement load circuit
Table 6.
Operating and AC measurement conditions(1)
1.
Output Hi-Z is defined as the point where data is no longer driven.
Parameter
Value
Unit
Supply voltage (VCC)
3.0 to 3.6
V
Ambient operating temperature (TA)0 to 70
°C
Load capacitance (CL)50
pF
Input rise and fall times
≤ 5ns
Input pulse voltages
0 to 3
V
Input and output timing ref. voltages
1.5
V
Table 7.
Capacitance
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 3.3 V; sampled only, not 100% tested.
2.
Outputs deselected.
Min
Max
Unit
CIN
Input capacitance
10
pF
CIO
(3)
3.
At 25°C.
Input/output capacitance
10
pF
AI03903
CL = 50 pF
CL includes JIG capacitance
DEVICE
UNDER
TEST
1.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com