Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA758013TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA758013TR
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA758013TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA758013TR Datasheet HTML 12Page - STMicroelectronics TDA758013TR Datasheet HTML 13Page - STMicroelectronics TDA758013TR Datasheet HTML 14Page - STMicroelectronics TDA758013TR Datasheet HTML 15Page - STMicroelectronics TDA758013TR Datasheet HTML 16Page - STMicroelectronics TDA758013TR Datasheet HTML 17Page - STMicroelectronics TDA758013TR Datasheet HTML 18Page - STMicroelectronics TDA758013TR Datasheet HTML 19Page - STMicroelectronics TDA758013TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Block diagram and electrical specifications
TDA7580
16/39
Note:
The accuracy depends on the quartz frequency precision: high stability oscillator
Table 10.
Oscillator characteristics
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FOSCFM Oscillator frequency (XTI/XTO)
74.1
MHz
Table 11.
Crystal characteristics for 1 and 2 chip load
Parameter name
Parameter value
1 chip load
2 chips load
Temperature range
-55°C÷125°C
-55°C÷125°C
Adjustment tolerance (@ 25°C ± 3°C)
± 30 ppm
± 30 ppm
Frequency stability (-20°C÷+70°C)
± 50 ppm
± 50 ppm
Aging @ 25°C
5 ppm/year
5 ppm/year
Shunt (static) capacitance [Co]
<5pF
<5pF
Motional capacitance
1fF ± 30%
1fF ± 30%
Mode of oscillation
AT-3rd
AT-3rd
Resonance resistance
< 75 ohm
< 45 ohm
Capacitive load for oscillation frequency =
74.1MHz
10pF
12pF
Table 12.
External clock signal on XTI (In case the device is driven by an external clock
through the XTI pin, the characteristics reported in this table have to be met)
Parameter name
Parameter value
Min
Typ
Max
Unit
Clock frequency
74.10
MHz
Frequency stability (-20°C÷+70°C)
-50
50
ppm
Clock jitter
10
ps rms
Start up time
5
ms
Clock level (sine wave) (1)
1.
specified @ XTI pin of TDA7580
220
640
mV rms
Clock level (square wave) (1)
0.50
1.80
V p-p
Clock duty cycle (square wave)
45
55
%
Clock rise / fall time (square wave) (1)
500
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com